Part Number Hot Search : 
SMCJ36A 2X245 5KP14A KBPC100 1N4750A DRA03TE D15XB20 TX715
Product Description
Full Text Search
 

To Download MAX4581L07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-2941; Rev 1; 6/07
Low-Voltage, CMOS Analog Multiplexers/Switches
General Description
The MAX4581L/MAX4582L/MAX4583L are low-voltage, CMOS analog ICs configured as an 8-channel multiplexer (MAX4581L), two 4-channel multiplexers (MAX4582L), and three single-pole/double-throw (SPDT) switches (MAX4583L). These CMOS devices operate with a +2V to +12V single supply. Each switch can handle rail-to-rail analog signals. Off-leakage current is only 2nA at +25C. All digital inputs have 0.8V to 2.0V logic thresholds to ensure TTL/CMOS-logic compatibility when using a +12V supply.
Features
+3V Logic-Compatible Inputs (VIH = 2.0V, VIL = 0.8V) Guaranteed On-Resistance: 80 with +12V Supply Guaranteed 4 On-Resistance Match Between Channels Guaranteed Low Off-Leakage Current: 2nA at +25C Guaranteed Low On-Leakage Current: 2nA at +25C +2V to +12V Supply Operation TTL/CMOS-Logic Compatible Low Crosstalk: -96dB (MAX4582L) High Off-Isolation: -90dB Tiny 4mm x 4mm Thin QFN Package Pin Compatible with Industry-Standard 74HC4051/74HC4052/74HC4053 and MAX4051/MAX4052/MAX4053
MAX4581L/MAX4582L/MAX4583L
Applications
Audio and Video Signal Routing Data-Acquisition Systems Communications Circuits Automotive DSL Modem
Ordering Information
PART MAX4581LESE MAX4581LEEE MAX4581LETE TEMP RANGE PIN-PACKAGE -40C to +85C 16 Narrow SO -40C to +85C 16 QSOP -40C to +85C 16 TQFN-EP* (4mm x 4mm)
Ordering Information continued at end of data sheet. *EP = Exposed pad.
Pin Configurations/Functional Diagrams
TOP VIEW MAX4581L
VCC X6 X4 X2 Y2 16 15 14 13 16
MAX4582L
VCC Y0 Y0 X2 15 14 13 16
MAX4583L
VCC 14 Y1 15 13 Y 12 X 11 X1 10 X0 9 5 GND 6 GND 7 C 8 B A
X X7 X5 ENABLE
1 2 3 4 5 GND 6 GND LOGIC 7 C 8 B
12 X1 11 X0 10 X3 9 A
Y Y3 Y1 ENABLE
1 2 3 4 5 GND 6 GND LOGIC 7 B 8 A
12 X1 11 X 10 X0 9 X3
Z1 Z Z0 ENABLE
1 2 3 4
THIN QFN
THIN QFN
THIN QFN
PIN CONFIGURATIONS/FUNCTIONAL DIAGRAMS CONTINUED AT END OF DATA SHEET.
________________________________________________________________ Maxim Integrated Products
1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com.
Low-Voltage, CMOS Analog Multiplexers/Switches MAX4581L/MAX4582L/MAX4583L
ABSOLUTE MAXIMUM RATINGS
(All Voltages Referenced to GND, Unless Otherwise Noted.) VCC .........................................................................-0.3V to +13V Voltage At Any Pin (Note 1) ...........(GND - 0.3V) to (VCC + 0.3V) Continuous Current into Any Terminal ..............................20mA Peak Current X_, Y_ or Z_ (pulsed at 1ms, 10% duty cycle) ..................................40mA ESD per Method 3015.7 ..................................................>2000V Continuous Power Dissipation (TA = +70C) 16-Pin Narrow SO (derate 8.7mW/C above +70C) ...696mW 16-Pin QSOP (derate 8.3mW/C above +70C)...........667mW 16-Pin Thin QFN (derate 16.9mW/C above +70C) .1349mW Operating Temperature Range ...........................-40C to +85C Storage Temperature Range .............................-65C to +150C Junction Temperature ......................................................+150C Lead Temperature (soldering, 10s) .................................+300C
Note 1: Voltages exceeding VCC or GND on any signal terminal are clamped by internal diodes. Limit forward-diode current to maximum current rating.
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(VCC = +12V 5%, V_H = 2.0V, V_L = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.) (Notes 2, 3)
PARAMETER ANALOG SWITCH Analog Signal Range Switch On-Resistance Switch On-Resistance Match Between Channels Switch On-Resistance Flatness VX, VY, VZ RON RON VCC = 11.4V; IX, IY, IZ = 1mA; VX, VY, VZ = 10V VCC = 11.4V; IX, IY, IZ = 1mA; VX, VY, VZ = 10V (Note 4) VCC = 11.4V; IX, IY, IZ = 1mA; VX_, VY_, VZ_ = 1.5V, 6V, 10V (Note 5) VCC = 12.6V; VX_, VY_, VZ_ = 1V, 10V; VX, VY, VZ = 10V, 1V (Note 6) -40C to +85C +25C -40C to +85C +25C -40C to +85C +25C -40C to +85C +25C -40C to +85C -2 -10 -2 -100 -2 -50 -2 -100 -2 -50 5 1 0 50 VCC 80 100 4 5 12 15 +2 nA +10 +2 +100 +2 +50 +2 +100 +2 +50 nA nA V SYMBOL CONDITIONS TEMP MIN TYP (NOTE 3) MAX UNITS
RFLAT(ON)
X_, Y_, Z_ Off-Leakage
IX_(OFF), IY_(OFF), IZ_(OFF) IX(OFF), IY(OFF), IZ(OFF)
X, Y, Z Off-Leakage
X, Y, Z On-Leakage
IX(ON), IY(ON), IZ(ON)
VCC = 12.6V; +25C MAX4581L VX_, VY_, VZ_ = -40C to +85C 1V, 10V; +25C VX, VY, VZ = 10V, MAX4582L/ MAX4583L -40C to +85C 1V (Note 6) +25C MAX4581L VCC = 12.6V; -40C to +85C VX, VY, VZ = 10V, +25C MAX4582L/ 1V (Note 6) MAX4583L -40C to +85C
2
_______________________________________________________________________________________
Low-Voltage, CMOS Analog Multiplexers/Switches
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +12V 5%, V_H = 2.0V, V_L = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.) (Notes 2, 3)
PARAMETER DIGITAL I/O (INH, ADD_) Logic Input High Threshold VAH, VBH, VCH, VENABLE_H VAL, VBL, VCL, VENABLE_L IAH, IBH, ICH, IENABLE_H Input Current Low IAL, IBL, ICL, IENABLE_L SWITCH DYNAMIC CHARACTERISTICS Enable Turn-On Time tON VX_, VY_, VZ_ = 10V, RL = 300, CL = 35pF, Figure 1 VX_, VY_, VZ_ = 10V, RL = 300, CL = 35pF, Figure 1 VX_, VY_, VZ_ = 10V, RL = 300, CL = 35pF, Figure 2 VX_, VY_, VZ_ = 10V, RL = 300, CL = 35pF, Figure 3 CL = 1nF, RS = 0, VS = 0V, Figure 4 VX_, VY_, VZ_ = 0V, = 1MHz, Figure 5 VX_, VY_, VZ_ = 0V, = 1MHz, Figure 5 VX_, VY_, VZ_ = 0V, = 1MHz, Figure 5 MAX4581L MAX4582L +25C MAX4583L MAX4581L MAX4582L +25C MAX4583L +25C -40C to +85C +25C -40C to +85C +25C -40C to +85C -40C to +85C 20 90 40 100 200 ns 200 100 ns 150 200 ns 200 ns VA, VB, VC, VENABLE = 0.8V +25C -1 +1 A -40C to +85C 1.5 2.0 V SYMBOL CONDITIONS TEMP MIN TYP (NOTE 3) MAX UNITS
MAX4581L/MAX4582L/MAX4583L
Logic Input Low Threshold
-40C to +85C
0.8
1.5
V
Input Current High
VA, VB, VC, VENABLE = 2.0V
+25C
-1
+1
A
Enable Turn-Off Time
tOFF
Address Transition Time
tTRANS
Break-Before-Make Time
tBBM
Charge Injection (Note 7)
Q CX_(OFF), CY_(OFF), CZ_(OFF) CX(OFF), CY(OFF), CZ(OFF)
+25C
0.5
pC
Input Off-Capacitance
+25C
4
pF
18 10 6 25 17 12.5 pF pF
Output Off-Capacitance
Output On-Capacitance
CX(OFF), CY(OFF), CZ(OFF)
_______________________________________________________________________________________
3
Low-Voltage, CMOS Analog Multiplexers/Switches MAX4581L/MAX4582L/MAX4583L
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +12V 5%, V_H = 2.0V, V_L = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.) (Notes 2, 3)
PARAMETER Off-Isolation Channel-to-Channel Crosstalk Total Harmonic Distortion POWER SUPPLY Power-Supply Range Power-Supply Current VCC ICC VCC = 12.6V; VA, VB, VZ, VENABLE = VCC or 0V +25C -40C to +85C 2 -1 -10 12.6 +1 +10 V A SYMBOL VISO VCT CONDITIONS RL = 50, = 1MHz (Figure 7) RL = 50, = 1MHz (Figure 7) RL = 600, VX_ or VY_ or VZ_ = 5VP-P, = 20Hz to 20kHz TEMP +25C +25C MIN TYP (NOTE 3) -90 -96 MAX UNITS dB dB
THD
+25C
0.02
%
Thin QFN packages are production tested at TA = +85C. Limits over temperature are guaranteed by design. The algebraic convention used in this data sheet is where the most negative value is the minimum column. RON = RON(MAX) - RON(MIN). Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the specified analog signal ranges. Note 6: Leakage parameters are 100% tested at the maximum-rated hot operating temperature and guaranteed by design at TA = +25C. Note 7: Guaranteed by design, not production tested. Note 2: Note 3: Note 4: Note 5:
Typical Operating Characteristics
(VCC = 12V, VEN = GND, TA = +25C, unless otherwise noted.)
ON-RESISTANCE vs. VCOM
MAX4581L/2L/3L toc01
ON-RESISTANCE vs. VCOM
MAX4581L/2L/3L toc02
OFF-LEAKAGE CURRENT vs. TEMPERATURE
MAX4581L/2L/3L toc03
100 90 80 ON-RESISTANCE () 70 60 50 40 30 20 10 0 0 1 23 4 5 6 7 8
100 90 80 ON-RESISTANCE () 70 60 50 40 30 20 10 0 TA = -40C TA = 0C TA = +25C TA = +70C TA = +85C
100 10 1 0.1 0.01 IX_, IY_, IZ_ 0.001 0.0001 IX, IY, IZ
9 10 11 12
0
1
23
4
5
6
7
8
9 10 11 12
OFF-LEAKAGE CURRENT (nA)
-40 -25 -10 5 20 35 50 65 80 95 110 125 TEMPERATURE (C)
VCOM (V)
VCOM (V)
4
_______________________________________________________________________________________
Low-Voltage, CMOS Analog Multiplexers/Switches
Typical Operating Characteristics (continued)
(VCC = 12V, VEN = GND, TA = +25C, unless otherwise noted.)
ON-LEAKAGE CURRENT vs. TEMPERATURE
MAX4581L/2L/3L toc04
MAX4581L/MAX4582L/MAX4583L
CHARGE INJECTION vs. VCOM
MAX4581L/2L/3L toc05
SUPPLY CURRENT vs. TEMPERATURE
VINH, VA, VB, VC = 0V OR VCC 100 SUPPLY CURRENT (nA)
MAX4581L/2L/3L toc06
100
10 9 CHARGE INJECTION (pC) 8 7 6 5 4 3 2 1
1000
ON-LEAKAGE CURRENT (nA)
10
1
10
0.1
1
0.01
0.1
0.001 -40 -25 -10 5 20 35 50 65 80 95 110 125 TEMPERATURE (C)
0 01 2 3 4 5 6 7 8 9 10 11 12 VCOM (V)
0.01 -40 -25 -10 5 20 35 50 65 80 95 110 125 TEMPERATURE (C)
TOTAL HARMONIC DISTORTION vs. FREQUENCY
600 IN AND OUT TOTAL HARMONIC DISTORTION (%)
MAX4581L/2L/3L toc07
FREQUENCY RESPONSE
30 10 -10 -30 GAIN (dB) ON-PHASE -50 -70 OFF-ISOLATION -90 -110 CROSSTALK -90 -120 -150 0.001 0.01 0.1 1 10 100 1000 FREQUENCY (MHz) -30 -60 ON-LOSS
MAX4581L/2L/3L toc08
0.1
90 60 30 0 PHASE (DEGREES)
0.01
0.001
0.0001 10 100 1k FREQUENCY (Hz) 10k 100k
-130
SUPPLY CURRENT vs. LOGIC-LEVEL VOLTAGE
MAX4581L/2L/3L toc09
LOGIC-LEVEL THRESHOLD vs. SUPPLY VOLTAGE
1.8 LOGIC-LEVEL THRESHOLD (V) 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0
MAX4581L/2L/3L toc10
10,000 1000 SUPPLY CURRENT (A) 100 10 1 0.1 0.01
2.0
0.001 0.0001 0 1 2 3 4 5 6 7 8 9 10 11 12 LOGIC-LEVEL VOLTAGE (V)
0
1
2
3
4
5
6
7
8
9 10 11 12
SUPPLY VOLTAGE (V)
_______________________________________________________________________________________
5
Low-Voltage, CMOS Analog Multiplexers/Switches MAX4581L/MAX4582L/MAX4583L
Pin Description
PIN MAX4581L SO/QSOP 1, 2, 4, 5, 12-15 3 6 QFN 2, 3, 10-13, 15, 16 1 4 MAX4582L SO/QSOP -- 13 6 QFN -- 11 4 MAX4583L SO/QSOP -- 14 6 QFN -- 12 4 X0-X7 X Enable Analog Switch Inputs 0-7 Analog Switch X Output Digital Enable Input. Drive enable low or connect to GND for normal operation. Ground. Connect to digital ground. (Analog signals have no ground reference; they are limited to VCC.) Digital Address C Input Digital Address B Input Digital Address A Input Positive Analog and Digital Supply Voltage Input. Bypass with a 0.1F capacitor to GND. Analog Switch X Inputs 0-3 Analog Switch Y Inputs 0-3 Analog Switch Y Output Analog Switch X Normally Open Input Analog Switch X Normally Closed Input Analog Switch Y Normally Open Input Analog Switch Y Normally Closed Input Analog Switch Z Normally Open Input Analog Switch Z Normally Closed Input Analog Switch Z Output NAME FUNCTION
7, 8 9 10 11 16 -- -- -- -- -- -- -- -- -- -- --
5, 6 7 8 9 14 -- -- -- -- -- -- -- -- -- -- EP
7, 8 -- 9 10 16 11, 12, 14, 15, 1, 2, 4, 5 3 -- -- -- -- -- -- -- --
5, 6 -- 7 8 14 9, 10, 12, 13 2, 3, 15, 16 1 -- -- -- -- -- -- -- EP
7, 8 9 10 11 16 -- -- 15 13 12 1 2 3 5 4 --
5, 6 7 8 9 14 -- -- 13 11 10 15 16 1 3 2 EP
GND C B A VCC X0-X3 Y0-Y3 Y X1 X0 Y1 Y0 Z1 Z0 Z
Bottom of QFN package only. Contains an Exposed exposed pad that must be connected Pad externally to VCC.
Note: Input and output pins are identical and interchangeable. Any may be considered an input or output; signals pass equally well in both directions.
6
_______________________________________________________________________________________
Low-Voltage, CMOS Analog Multiplexers/Switches
Detailed Description
The MAX4581L/MAX4582L/MAX4583L are low-voltage, CMOS analog ICs that operate from a single supply of +2V to +12V. The MAX4581L is configured as an 8channel multiplexer, the MAX4582L as two 4-channel multiplexers, and the MAX4583L as three singlepole/double-throw (SPDT) switches. These devices can handle rail-to-rail analog signals with only 2nA of offleakage current at +25C. The MAX4581L/MAX4582L/MAX4583L are TTL/CMOSlogic compatible with 0.8V to 2.0V logic thresholds for all digital inputs when operating from a +12V supply. VCC or GND and the analog signal. This means that leakage varies as the analog signal varies. The difference in the two diodes' leakage to VCC and GND constitutes the analog signal-path leakage current. Because there is no connection between the analog signal paths and GND, all analog leakage current flows between each pin and one of the supply terminals, not to the other switch terminal. Because of this, both sides of a given switch can show leakage currents of either the same or opposite polarity. VCC and GND power the internal logic and logic-level translators, and set both the input and output logic limits. The logic-level translators convert the logic levels into switched VCC and GND signals to drive the gates of the analog switches. This drive signal is the only connection between the logic supplies (and signals) and the analog supplies. The logic-level thresholds are TTL/CMOS compatible when VCC is +12V.
MAX4581L/MAX4582L/MAX4583L
Applications Information
Power-Supply Considerations
The MAX4581L/MAX4582L/MAX4583Ls' construction is typical of most CMOS analog switches. The supply input, VCC, is used to power the internal CMOS switches and sets the limit of the analog voltage on any switch. Reverse ESD protection diodes are internally connected between each analog signal pin and both VCC and GND. If any analog signal exceeds VCC or goes below GND, one of these diodes conducts. During normal operation, these reverse-biased ESD diodes leak, causing the only current drawn from VCC or GND. Virtually all the analog leakage current comes from the ESD diodes. Although the ESD diodes on a given signal pin are identical, and therefore fairly well balanced, they are reverse biased differently by either
Overvoltage Protection
Proper power-supply sequencing is recommended for all CMOS devices. Do not exceed the absolute maximum ratings because stresses beyond the listed ratings can cause permanent damage to the devices. Always sequence VCC first, followed by the logic inputs and analog signals.
Pin Nomenclature
The MAX4581L/MAX4582L/MAX4583L are pin compatible with the industry-standard 74HC4051/74HC4052/ 74HC4053 and the MAX4051/MAX4052/MAX4053.
Table 1. Truth Table/Switch Programming
ENABLE INPUT H L L L L L L L L SELECT INPUTS C* X L L L L H H H H B X L L H H L L H H A X L H L H L H L H MAX4581L All switches open X-X0 X-X1 X-X2 X-X3 X-X4 X-X5 X-X6 X-X7 ON SWITCHES MAX4582L All switches open X-X0, Y-Y0 X-X1, Y-Y1 X-X2, Y-Y2 X-X3, Y-Y3 X-X0, Y-Y0 X-X1, Y-Y1 X-X2, Y-Y2 X-X3, Y-Y3 MAX4583L All switches open X-X0, Y-Y0, Z-Z0 X-X1, Y-Y0, Z-Z0 X-X0, Y-Y1, Z-Z0 X-X1, Y-Y1, Z-Z0 X-X0, Y-Y0, Z-Z1 X-X1, Y-Y0, Z-Z1 X-X0, Y-Y1, Z-Z1 X-X1, Y-Y1, Z-Z1
X = Don't care. *C not present on MAX4582L. Note: Input and output pins are identical and interchangeable. Either may be considered an input or output; signals pass equally well in either direction.
_______________________________________________________________________________________
7
Low-Voltage, CMOS Analog Multiplexers/Switches MAX4581L/MAX4582L/MAX4583L
Test Circuits/Timing Diagrams
VCC VCC VCC VENABLE X0 X1-X7 VX0 VCC 0V 50%
A B C
MAX4581L
VOUT VENABLE ENABLE GND 50 300 35pF X VOUT 0V tON 90%
90%
tOFF
VCC VCC
VCC VENABLE X0-Y0 VCC 0V 50%
A B
X1-X3, Y1-Y3 VX0, VY0 VOUT
MAX4582L
VENABLE ENABLE GND 50 300 35pF X, Y VOUT
90%
90% 0V tON tOFF
VCC VCC
VCC VENABLE X0, Y0, Z0 X1, Y1, Z1 VCC 0V VX0, VY0, VZ0 VOUT 50%
A B C
MAX4583L
VENABLE ENABLE GND 50 300 35pF X, Y, Z VOUT
90%
VX1, VY1, VZ1
90%
tON
tOFF
Figure 1. Enable Switching Times
8
_______________________________________________________________________________________
Low-Voltage, CMOS Analog Multiplexers/Switches MAX4581L/MAX4582L/MAX4583L
VCC V A , V B, V C A B 50 C VCC VCC VA, VB, VC X0 X1-X6 VX0 VCC 0V 50%
MAX4581L
X7 90%
90%
ENABLE GND
X 300 35pF
VOUT
VX7 tTRANS tTRANS
VCC V A, V B A 50 B VCC
VCC VA, VB X0, Y0 VCC 0V VX0, VY0 50%
X1, X2, Y1, Y2
MAX4582L X3, Y3
VOUT 90% ENABLE GND 300 35pF X, Y VOUT VX3, VY3
90%
tTRANS
tTRANS
VCC VA, VB VCC
VCC VA, VB, VC X1, Y1, Z1 X0, Y0, Z0 VCC 0V VX0, VY0, VZ0 VOUT 50%
A, B, C 50
MAX4583L
90%
ENABLE GND
X, Y, Z 300 VCC 35pF
VOUT
VX1, VY1, VZ1 t TRANS
90%
tTRANS
Figure 2. Address Transition Time
_______________________________________________________________________________________
9
Low-Voltage, CMOS Analog Multiplexers/Switches MAX4581L/MAX4582L/MAX4583L
VCC VA, VB, VC A B 50 C VCC VA, VB X0-X7 VCC 50 A B VCC VCC X0-X3, Y0-Y3
VCC
MAX4581L
MAX4582L
ENABLE GND
X 300 35pF
VOUT
ENABLE GND
X, Y 300 35pF
VOUT
VCC VA, VB, VC VCC VCC X0, X1, Y0, Y1, Z0, Z1 VCC VA, VB, VC 0V VX, VY, VZ 50% tR < 20ns tF < 20ns
A, B, C
50
MAX4583L
80%
ENABLE GND
X, Y, Z 300 35pF
VOUT
VOUT 0V tBBM
Figure 3. Break-Before-Make Interval
VCC VCC
A CHANNEL SELECT B C
X_, Y_, Z_ VCC VENABLE 0V
VENABLE
MAX4581L MAX4582L MAX4583L
ENABLE GND X, Y, Z VOUT CL = 1000pF
VOUT
VOUT
50
VOUT IS THE MEASURED VOLTAGE DUE TO CHARGETRANSFER ERROR Q WHEN THE CHANNEL TURNS OFF. Q = VOUT X CL.
Figure 4. Charge Injection
10
______________________________________________________________________________________
Low-Voltage, CMOS Analog Multiplexers/Switches MAX4581L/MAX4582L/MAX4583L
VCC
A CHANNEL SELECT B C
VCC
X_, Y_, Z_
MAX4581L MAX4582L MAX4583L
X, Y, Z GND 1MHz CAPACITANCE ANALYZER
ENABLE
Figure 5. NO/COM Capacitance
VCC VCC A CHANNEL SELECT B C X_, Y_, Z_ VIN
NETWORK ANALYZER 50 50 OFF-ISOLATION = 20log x VOUT VIN VOUT VIN VOUT VIN
MAX4581L MAX4582L MAX4583L
X, Y, Z
ON-LOSS = 20log x VOUT
ENABLE
MEAS.
REF.
CROSSTALK = 20log x
50 GND
50
MEASUREMENTS ARE STANDARDIZED AGAINST SHORT AT SOCKET TERMINALS. OFF-ISOLATION IS MEASURED BETWEEN COM AND "OFF" NO TERMINAL ON EACH SWITCH. ON-LOSS IS MEASURED BETWEEN COM AND "ON" NO TERMINAL ON EACH SWITCH. CROSSTALK (MAX4582/MAX4583) IS MEASURED FROM ONE CHANNEL (A, B, C) TO ALL OTHER CHANNELS. SIGNAL DIRECTION THROUGH SWITCH IS REVERSED; WORST VALUES ARE RECORDED.
Figure 6. Off-Isolation, On-Loss, and Crosstalk
______________________________________________________________________________________
11
Low-Voltage, CMOS Analog Multiplexers/Switches MAX4581L/MAX4582L/MAX4583L
Pin Configurations/Functional Diagrams (continued)
TOP VIEW MAX4581L
X4 1 X6 2 X3 X7 4 X5 5 ENABLE 6 GND 7 GND 8 LOGIC 16 VCC 15 X2 14 X1 13 X0 12 X3 11 A 10 B 9 C Y0 1 Y2 2 Y3 Y3 4 Y1 5 ENABLE 6 GND 7 GND 8 LOGIC
MAX4582L
16 VCC 15 X2 14 X1 13 X 12 X0 11 X3 10 A 9 B Y1 1 Y0 2 Z1 3 Z4 Z0 5 ENABLE 6 GND 7 GND 8
MAX4583L
16 VCC 15 Y 14 X 13 X1 12 X0 11 A 10 B 9 C
SO/QSOP
SO/QSOP
SO/QSOP
Ordering Information (continued)
PART MAX4582LESE MAX4582LEEE MAX4582LETE MAX4583LESE MAX4583LEEE MAX4583LETE TEMP RANGE PIN-PACKAGE -40C to +85C 16 Narrow SO -40C to +85C 16 QSOP -40C to +85C 16 TQFN-EP* (4mm x 4mm) -40C to +85C 16 Narrow SO -40C to +85C 16 QSOP -40C to +85C 16 TQFN-EP* (4mm x 4mm)
Chip Information
TRANSISTOR COUNT: 219 PROCESS: CMOS
____________________Revision History
Pages changed at Rev 1: 1, 6, 12, 16
*EP = Exposed pad.
12
______________________________________________________________________________________
Low-Voltage, CMOS Analog Multiplexers/Switches
Package Information
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information go to www.maxim-ic.com/packages.)
SOICN .EPS
MAX4581L/MAX4582L/MAX4583L
INCHES DIM A A1 B C e E H L MAX MIN 0.069 0.053 0.010 0.004 0.014 0.019 0.007 0.010 0.050 BSC 0.150 0.157 0.228 0.244 0.016 0.050
MILLIMETERS MAX MIN 1.35 1.75 0.10 0.25 0.35 0.49 0.19 0.25 1.27 BSC 3.80 4.00 5.80 6.20 0.40 1.27
N
E
H
VARIATIONS:
1
INCHES
MILLIMETERS MIN 4.80 8.55 9.80 MAX 5.00 8.75 10.00 N MS012 8 AA 14 AB 16 AC
TOP VIEW
DIM D D D
MIN 0.189 0.337 0.386
MAX 0.197 0.344 0.394
D C
A e B A1
0-8 L
FRONT VIEW
SIDE VIEW
PROPRIETARY INFORMATION TITLE:
PACKAGE OUTLINE, .150" SOIC
APPROVAL DOCUMENT CONTROL NO. REV.
21-0041
B
1 1
______________________________________________________________________________________
13
Low-Voltage, CMOS Analog Multiplexers/Switches MAX4581L/MAX4582L/MAX4583L
Package Information (continued)
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information go to www.maxim-ic.com/packages.)
QSOP.EPS
PACKAGE OUTLINE, QSOP .150", .025" LEAD PITCH
21-0055
F
1 1
14
______________________________________________________________________________________
Low-Voltage, CMOS Analog Multiplexers/Switches
Package Information (continued)
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information go to www.maxim-ic.com/packages.)
24L QFN THIN.EPS
MAX4581L/MAX4582L/MAX4583L
PACKAGE OUTLINE, 12, 16, 20, 24, 28L THIN QFN, 4x4x0.8mm
21-0139
F
1 2
______________________________________________________________________________________
15
Low-Voltage, CMOS Analog Multiplexers/Switches MAX4581L/MAX4582L/MAX4583L
Package Information (continued)
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information go to www.maxim-ic.com/packages.)
PACKAGE OUTLINE, 12, 16, 20, 24, 28L THIN QFN, 4x4x0.8mm
21-0139
F
2 2
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
16 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 (c) 2007 Maxim Integrated Products is a registered trademark of Maxim Integrated Products.


▲Up To Search▲   

 
Price & Availability of MAX4581L07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X